Part Number Hot Search : 
BSX52A ISL2902 MAX265 MB3730A B2312BS1 A115E 1000W DS1236A
Product Description
Full Text Search
 

To Download AM8T-0512SI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  input voltage ouput voltage ouput current max. models general specifications: efficiency 75% to 86% switching frequency 300khz, typ. 100% load to order call 1-888-9-aimtec am8t-i series 8 watt dc-dc converters ? 24pin dip package ? metal encapsulated case ? power modules for pcb mounting ? 2:1 wide input range ? regulated output ? low ripple & noise ? operating temperature : -40?+75c general description electrical specifications all specifications valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. our am8t-i series is a family of cost effective 8w single and dual output dc-dc converters. these converters are dip24 compatible metal case with dimensions of 31.8x20.3x10.2mm. the high per- formance features of our am8t-i components include continuous short circuit protection with auto recovery, tight line regulation and a high effi- ciency operation coefficient up to 86%. twenty eight models operate from an input voltage range of 5, 12, 24 & 48vdc producing output volt- ages of 3.3, 5, 12, 15, 5, 12 & 15vdc. the nor- mal operation is specified over the full operating temperature range of -40c to +75c with no derat- ing required. cooling is done by free air convec- tion. mtbf: > 800,000 hrs (mil-hdbk-217f, ground benign, t=+25oc) specifications are subject to change without notification isolation specifications: rated voltage 1500vdc resistance >1000 mohms capacitance 1000pf, typ. output specifications: voltage accuracy 2%, max. ripple noise (3.3,5v) 80m vp-pmax ripple noise other 1% p-p max short circuit protection continuous, auto-recovery over load protection over 110% full load and recovers automatically over voltage protection zener diode clamp protection line regulation (hl-ll) 0.5%, typ. load regulation (10-100%) single 0.5%, max., dual 2% temperature coefficient 0.05%/c, max. input specifications: voltage range 12vdc, 9~18vdc 24vdc, 18~36vdc 48vdc, 36~75vdc filter (pi) network environmental specifications: operating temperature -40c ?+75c storage temperature -55c ?+105c case temperature +95c, max. humidity (non-condensing) up to 95% cooling free-air convection physical specifications: dimensions 31.8x20.3x10.2mm, tolerance 0.5mm 1.25x0.8x0.4inches weight 18g case material nickel-coated copper dc-dc converters continued on next page
visit us at www.aimtec.ca am8t-i series outline dimensions & pin connections mechanical dimension (bottom view) derating block diagram pin 1500vdc -v input -v input n.c. n.c. n.c. +v output n.c. -v output +v input +v input -v input -v input common n.c. -v output +v output n.c. common +v input +v input 2 3 9 10 11 14 15 16 22 23 single dual dc-dc converters 1600ma 1600ma 660ma 530ma models single output models input voltage ouput voltage ouput current max. am8t-0503si am8t-0505si AM8T-0512SI am8t-0515si 4.5-9vdc 1600ma 1600ma 660ma 530ma 3.3vdc 5vdc 12vdc 5vdc am8t-1203si am8t-1205si am8t-1212si am8t-1215si 9-18vdc 1600ma 1600ma 660ma 530ma 3.3vdc 5vdc 12vdc 15vdc am8t-2403si am8t-2405si am8t-2412si am8t-2415si 18-36vdc 1600ma 1600ma 660ma 530ma 3.3vdc 5vdc 12vdc 15vdc am8t-4803si am8t-4805si am8t-4812si am8t-4815si 36-75vdc 3.3vdc 5vdc 12vdc 15vdc
visit us at www.aimtec.ca am8t-i series dc-dc converters models dual output models input voltage ouput voltage ouput current max. am8t-0505di am8t-0512di am8t-0515di 4.5-9vdc 5vdc 12vdc 15vdc 800ma 330ma 260ma am8t-1205di am8t-1212di am8t-1215di 36-75vdc am8t-2405di am8t-2412di am8t-2415di 18-36vdc 9-18vdc 5vdc 12vdc 15vdc 800ma 330ma 260ma 5vdc 12vdc 15vdc 800ma 330ma 260ma 5vdc 12vdc 15vdc 800ma 330ma 260ma am8t-4805di am8t-4812di am8t-4815di


▲Up To Search▲   

 
Price & Availability of AM8T-0512SI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X